Part Number Hot Search : 
R5F21 5C220 01NF08 PB4006 THC929 ICS9526 74HCT30 2SD2152Q
Product Description
Full Text Search
 

To Download 222212046472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte. * Axial leads, cylindrical aluminum case, insulated with a blue sleeve.
Fig.1 Component outlines
Pb-free Available
RoHS*
COMPLIANT
* Mounting ring version not available in insulated form. * Taped versions up to case 15 x 30 mm available for automatic insertion. * Charge and discharge proof. * Extra long useful life: up to 8000 hours at 125 C, high reliability. * Lowest ESR levels providing very high ripple current capability.
138 AML
105 C 118 AHT 125 C lower ESR higher ripple 120 ATC 125 C lower ESR higher ripple 119 AHT-DIN 125 C
* Extended temperature range: usable up to 150 C. * Miniaturized, high CV-product per unit volume. * Lead diameter d = 1.0 mm, available on request
* Lead (Pb)-free versions are RoHS compliant.
APPLICATIONS
* Automotive, industrial and telecommunication * Smoothing, filtering, buffering
VALUE 10 x 30 to 21 x 38 47 to 6800 F 20% 16 to 100 V -40 to +125 C 1000 hours 4000 hours 8000 hours 40000 hours 1000 hours (100 V: 500 hours) 63 V: 500 hours IEC 60384-4/EN130300 40/125/56
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 150 C Endurance test at 125 C Useful life at 125 C Useful life at 85 C, 1.4 x IR applied Shelf life at 0 V, 125 C Shelf life at 0 V, 150 C Based on sectional specification Climatic category IEC 60068
* Low mounting height applications, vibration and shock resistant
* SMPS and standard power supplies.
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F). * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20%). * Rated voltage (in V). * Upper category temperature (125 C).
* Date code in accordance with IEC 60062.
* Code for factory of origin. * Name of manufacturer. * Band to indicate the negative terminal. * `+' sign to identify the positive terminal
* Series number (120).
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 28336 Revision: 28-Oct-05 For technical questions contact: aluminumcaps2@vishay.com www.vishay.com 141
120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZE (D x L in mm)
CR (F) 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 UR (V) 16 - - - - - - - 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 25 - - - - - - 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 - 40 - - - - 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 - - - 63 - - 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 - - - - - 100 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 - - - - - - -
DIMENSIONS in millimeters AND AVAILABLE FORMS
73 OD
1.6 L Od
AEd
l
L
33 1
AED
+
F
Form AA: Axial in box, case D x L = 10 x 30 to 21 x 38 mm.
F
Form BR: Taped on reel, case D x L = 10 x 30 to 15 x 30 mm.
Fig.2 Form BR.
Fig.3 Form AA.
www.vishay.com 142
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28336 Revision: 28-Oct-05
120 ATC
Aluminum Capacitors Axial High Temperature, High Ripple Current
Table 1
Vishay BCcomponents
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE AXIAL: FORM AA AND BR PACKAGING QUANTITIES FMIN 35 35 35 35 44 44 MASS (G) 4.8 7.4 11.7 12.9 19.0 24.0 FORM AA 340 260 300 200 125 100 FORM BR 500 400 250 - - -
D x L
(mm) 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 Note
d(1)
0.8 0.8 0.8 0.8 0.8 0.8
I 55 1 55 1 55 1 55 1 34 1 34 1
Dmax
10.5 13.0 15.5 18.5 18.5 21.5
LMAX 30.5 30.5 30.5 30.5 39.0 39.0
1. Lead diameter d = 1.0 mm, available on request. 2. Detailed tape dimensions see section `PACKAGING'.
Fig.4 Mounting hole diagram and outline; Form MR; with mounting ring and pins.
D
120 (3x) D3 90 2 (3x) L 1.05 +0.03 (3x) -0.1 d2 +0.1 1.3 (3x) 0 mounting holes 1 +1.0 -0.5 1.3 0 (3x) -0.05 3.6 +0.2 -0.4
Form MR: case D x L = 15 x 30 to 21 x 38 mm. Case not insulated (insulation on request). Especially for applications with severe shocks and vibrations.
d1 D2
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE CASE CODE 02 03 04 05 MOUNTING RING: FORM MR
D x L
15 x 30 18 x 30 18 x 38 21 x 38
d1
0.8 0.8 0.8 0.8
d2
1.0 +0.4 1.0 +0.4 1.0 +0.4 1.0 +0.4
DMAX
15.5 18.5 18.5 21.5
D2MAX
17.5 19.5 19.5 22.5
D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2
LMAX 33 33 42 42
MASS (g) 8.6 11.5 14.0 19.2
PACKAGING QUANTITIES 200 240 100 100
Document Number: 28336 Revision: 28-Oct-05
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com 143
120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z Note 1. Unless otherwise specified, all electrical values in Table 3 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75%. Table 3 DESCRIPTION rated capacitance at 100 Hz, tolerance 20% rated RMS ripple current at 10 kHz, 125 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR equivalent series resistance at 100 Hz (calculated from tan max and CR) max. impedance at 10 kHz
ORDERING EXAMPLE*
Electrolytic capacitor 120 series 1000 F/16 V; 20% Nominal case size: 12.5 x 30 mm; Form BR Catalog number: 2222 120 25102. *Note: To ensure delivery of lead (Pb)-free parts during the transition period, please contact your Vishay sales agent.
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) 16 CR 100 Hz (F) 680 1000 1500 2200 3300 4700 6800 470 680 1000 1500 2200 3300 4700 220 330 470 680 1000 1500 2200 100 150 220 330 470 680 1000 47 68 100 150 220 330 470 NOMINAL CASE SIZE D x L (mm) 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 30 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 IR 10 KHZ 125 C (mA) 2100 2550 2650 2940 3430 4350 4590 2100 2550 2600 2890 3310 4350 4470 1990 2430 2550 2840 3150 4130 4170 1560 2050 2150 2510 2860 3720 3780 760 1030 1140 1480 1960 2550 2800 IL1 1 MIN (A) 171 232 328 462 674 942 1346 181 244 340 490 700 1030 1450 146 198 266 366 520 760 1096 116 153 206 289 395 554 796 96 122 160 220 304 436 604 IL5 5 MIN (A) 84 104 136 181 251 341 475 87 108 140 190 260 370 510 75 93 115 149 200 280 392 65 78 95 123 158 211 292 59 67 80 100 128 172 228 TYP. ESR 100 Hz (m) 106 77 60 48 41 27 26 112 81 64 49 43 28 27 192 130 101 75 59 39 34 297 195 149 105 81 55 44 760 531 389 266 181 120 92 MAX. ESR 100 Hz (m) 177 128 100 79 68 45 43 187 136 107 82 71 47 44 320 216 169 125 99 65 56 495 325 249 175 135 92 74 1269 885 648 443 302 200 154 TYP. ESR 10 KHz (m) 44 35 32 28 26 18 18 45 35 32 28 27 18 18 52 37 35 30 28 19 19 92 61 55 44 38 26 25 349 246 196 137 95 62 52 MAX. ESR 10 KHz (m) 74 58 53 46 43 29 29 74 59 53 46 44 29 29 87 62 58 50 47 31 31 154 102 92 73 64 43 41 581 410 327 229 158 104 86 Z MAX. 10 KHz (m) 78 61 53 46 43 29 29 84 64 55 46 44 29 29 124 83 70 55 49 32 31 249 162 126 91 74 49 43 720 503 381 262 179 117 94 CATALOG NUMBER 2222 120 ..... IN BOX FORM AA 15681 15102 15152 15222 15332 15472 15682 16471 16681 16102 16152 16222 16332 16472 17221 17331 17471 17681 17102 17152 17222 18101 18151 18221 18331 18471 18681 18102 19479 19689 19101 19151 19221 19331 19471 TAPED ON REEL FORM BR 25681 25102 25152 25222 - - - 26471 26681 26102 26152 - - - 27221 27331 27471 27681 - - - 28101 28151 28221 28331 - - - 29479 29689 29101 29151 - - - MOUNTING RING FORM MR - - - 45222 45332 45472 45682 - - - 46152 46222 46332 46472 - - - 47681 47102 47152 47222 - - - 48331 48471 48681 48102 - - - 49151 49221 49331 49471
25
40
63
100
www.vishay.com 144
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28336 Revision: 28-Oct-05
120 ATC
Aluminum Capacitors Vishay BCcomponents Axial High Temperature, High Ripple Current
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current Inductance Equivalent series inductance (ESL) CONDITIONS VALUE AXIAL Us 1.15 x UR Urev 1 V after 1 minute at UR after 5 minutes at UR case D x L mm: 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 IL1 0.012 CR x UR + 40 A IL5 0.004 CR x UR + 40 A typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH
10
MOUNTING RING
typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
CAPACITANCE (C)
1.2 C C0 1.1
EQUIVALENT SERIES RESISTANCE (ESR)
ESR ESR0
1 1
1.0
2 3 4
0.9
10-1 -40
-20
0
20
40
60
80
100
0.8 -40
-20
0
20
40
60
80
100
120
140 160 Tamb (C)
All voltages; all case sizes. C0 = capacitance at 20 C, 100 Hz. Fig.5 Typical multiplier of capacitance as a function of ambient temperature.
40 V types. ESR0 = typical at 20 C. Curve 1: All case sizes; 100 Hz. Curve 2: Case D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz. Curve 3: Case D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz. Curve 4: Case D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz. Fig.6 Typical multiplier of ESR as a function of ambient temperature at different frequencies.
10 2
120 140 Tamb (C)
160
10
ESR ESR0
ESR ESR0
10
1 1 2 3
1
4
1 2 3
10-1
-40
-20
0
20
40
60
80
100
120 140 Tamb (C)
160
10-1 -40
-20
0
20
40
60
80
100
63 V types. ESR0 = typical at 20 C. Curve 1: All case sizes; 100 Hz. Curve 2: Case D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz. Curve 3: Case D x L = 15 x 30 and 18 x 30 mm; 10 to 100 kHz. Curve 4: Case D x L = 10 x 30 and 12.5 x 30 mm; 10 to 100 kHz. Fig.7 Typical multiplier of ESR as a function of ambient temperature at different frequencies. Document Number: 28336 Revision: 28-Oct-05
120 140 Tamb (C)
160
100 V types. ESR0 = typical at 20 C. Curve 1: All case sizes; 100 Hz. Curve 2: Case D x L = 18 x 38 and 21 x 38 mm; 10 to 100 kHz. Curve 3: Case D x L = 10 x 30 to 18 x 30 mm; 10 to 100 kHz. Fig.8 Typical multiplier of ESR as a function of ambient temperature at different frequencies. www.vishay.com 145
For technical questions contact: aluminumcaps2@vishay.com
120 ATC
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, High Ripple Current
RIPPLE CURRENT AND USEFUL LIFE
3.6 IA IR 3.5 3.4 3.3 3.2 3.1 3.0 JW64
2.8
2.6 2.4 2.2 lifetime multiplier
5 12 0. 25 0. 5 0. 0
2.0
1. 1. 5 2.
1.8 1.6
0
3. 0 4. 0 6. 0 8. 12
1.4 1.2 1.0 0.8 0.5 0.0 40
(1)
IA = actual ripple current at 10 kHz. IR = rated ripple current at 10 kHz, 125 C. (1) Useful life at 125 C and IR applied: 8000 hours.
.
130 140 150 Tamb ( oC)
0
20 30 60 0 10 0 20 0 40
50 60 70 80 90 100 110 120
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
IR MULTIPLIER FREQUENCY (Hz) 50 100 300 1000 3000 10000 UR = 16 to 40 V case sizes 10 x 30 to 15 x 30 mm 0.37 0.48 0.69 0.86 0.96 1.00 UR = 16 to 40 V case sizes 18 x 30 to 21 x 38 mm 0.54 0.63 0.75 0.81 0.87 1.00 UR = 63 and 100 V case sizes 10 x 30 to 15 x 30 mm 0.23 0.32 0.53 0.77 0.93 1.00 UR = 63 and 100 V case sizes 18 x 30 to 21 x 38 mm 0.44 0.56 0.76 0.88 0.94 1.00
www.vishay.com 146
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28336 Revision: 28-Oct-05
120 ATC
Aluminum Capacitors Axial High Temperature, High Ripple Current
Vishay BCcomponents
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (QUICK REFERENCE) Tamb = 125 C; UR applied; 4000 hours Tamb = 150 C; UR applied; 1000 hours Useful life CECC 30301 subclause 1.8.1 Tamb = 125 C; UR and IR applied; 8000 hours REQUIREMENTS C/C: 15% tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit C/C: 45% tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit Tamb = 125 C; no voltage applied; 1000 hours (100 V: 500 hours) Tamb = 150 C; no voltage applied; 500 hours for voltages: 63 V after test: UR to be applied for 30 minutes, Reverse voltage IEC 60384-4/ EN130300 subclause 4.15 Vibration IEC 60068-2 subclause 4.15 test method Fc 24 to 48 hours before measurement Tamb = 125 C: 125 hours at U = -1 V followed by 125 hours at UR 10 to 2000 Hz; 1.5 mm or 20 g (whichever is less severe); in 3 directions; 2.5 hours per direction C/C: 20% tan spec. limit IL5 spec. limit no visible damage; no leakage of electrolyte; markings legible C/C: 5% with respect to initial measurement total failure percentage: 1% C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit
Shelf life (storage at high temperature)
IEC 60384-4/ EN130300 subclause 4.17
Document Number: 28336 Revision: 28-Oct-05
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com 147
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 222212046472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X